Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6221 Datasheet(PDF) 9 Page - Torex Semiconductor

No. de pieza XC6221
Descripción Electrónicos  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6221_1 Datasheet HTML 5Page - Torex Semiconductor XC6221_1 Datasheet HTML 6Page - Torex Semiconductor XC6221_1 Datasheet HTML 7Page - Torex Semiconductor XC6221_1 Datasheet HTML 8Page - Torex Semiconductor XC6221_1 Datasheet HTML 9Page - Torex Semiconductor XC6221_1 Datasheet HTML 10Page - Torex Semiconductor XC6221_1 Datasheet HTML 11Page - Torex Semiconductor XC6221_1 Datasheet HTML 12Page - Torex Semiconductor XC6221_1 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
XC6221
Series
■OPERATIONAL EXPLANATION (Continued)
<Current Limiter, Short-Circuit Protection>
The XC6221 series’ foldback circuit operates as an output current limiter and a short protection of the output pin. When
the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. When
the output pin is shorted to the VSS level, a current of about 30mA flows.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6221 series. In shutdown mode,
output at the VOUT pin will be pulled down to the VSS level via R1 & R2. However, as for the XC6221B series, the CL
auto-discharge resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin.
Therefore, time until the VOUT pin reaches the VSS level becomes short. The output voltage becomes unstable, when
the CE pin is open. If this IC is used with the correct output voltage for the CE pin, the logic is fixed and the IC will
operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry when
medium voltage is input.
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
■NOTES ON USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com