Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGI6P Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza STM32L4R5VGI6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGI6P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L4R5VGI6P Datasheet HTML 17Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 18Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 19Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 20Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 21Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 22Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 23Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 24Page - STMicroelectronics STM32L4R5VGI6P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 306 page
background image
DocID030321 Rev 3
21/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
3.6
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs, DMA2D,
SDMMC1, LCD-TFT and GFXMMU) and the slaves (Flash memory, RAM, FMC, OctoSPI,
AHB and APB peripherals). It also ensures a seamless and efficient operation even when
several high-speed peripherals work simultaneously.
Figure 2. Multi-AHB bus matrix
3.7
Firewall
These devices embed a firewall which protects code sensitive and secure data from any
access performed by a code executed outside of the protected areas.
Each illegal access generates a reset which kills immediately the detected intrusion.
MSv38490V1
CORTEX
®-M4
with FPU
DMA1
DMA2
FSMC
AHB2
peripherals
AHB1
peripherals
SRAM2
SRAM1
FLASH
2 MB
ICode
DCode
OCTOSPI2
DMA2D
BusMatrix-S
LCD-TFT
SDMMC1
GFXMMU
SRAM3
GFXMMU
OCTOSPI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More