Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VGI3PTR Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STM32L496VGI3PTR
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VGI3PTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L496VGI3PTR Datasheet HTML 12Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 13Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 14Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 15Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 16Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 17Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 18Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 19Page - STMicroelectronics STM32L496VGI3PTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 262 page
background image
Description
STM32L496xx
16/262
DocID029173 Rev 1
LCD
COM x SEG
Yes
8x40 or 4x44
Random generator
Yes
GPIOs(3)
Wakeup pins
Nb of I/Os down to
1.08 V
136
5
14
115
5
14
110
5
14
83
5
0
52
4
0
Capacitive sensing
Number of channels
24
24
24
21
21
12-bit ADCs
Number of channels
3
24
3
24
3
19
3
16
3
16
12-bit DAC channels
2
Internal voltage
reference buffer
Yes
Analog comparator
2
Operational amplifiers
2
Max. CPU frequency
80 MHz
Operating voltage
(VDD)
1.71 to 3.6 V
Operating voltage
(VDD12)
1.05 to 1.32 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Junction temperature: -40 to 105 °C / -40 to 125 °C / -40 to 130 °C
Packages
UFBGA169
LQFP144
UFBGA132
LQFP100
WLCSP100
LQFP64
1. For the LQFP100 and WLCSP100 packages, only FMC Bank1 is available. Bank1 can only support a multiplexed
NOR/PSRAM memory using the NE1 Chip Select.
2. Only up to 13 data bits.
3. In case external SMPS package type is used, 2 GPIO's are replaced by VDD12 pins to connect the SMPS power supplies
hence reducing the number of available GPIO's by 2.
Table 2. STM32L496xx family device features and peripheral counts (continued)
Peripheral
STM32L496Ax
STM32L496Zx STM32L496Qx
STM32L496Vx
STM32L496Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com