Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VGI3TR Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza STM32L496VGI3TR
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VGI3TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L496VGI3TR Datasheet HTML 17Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 18Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 19Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 20Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 21Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 22Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 23Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 24Page - STMicroelectronics STM32L496VGI3TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 262 page
background image
DocID029173 Rev 1
21/262
STM32L496xx
Functional overview
60
3.6
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs and the
DMA2D) and the slaves (Flash memory, RAM, FMC, QUADSPI, AHB and APB peripherals)
and ensures a seamless and efficient operation even when several high speed peripherals
work simultaneously.
Figure 2. Multi-AHB bus matrix
3.7
Firewall
The device embeds a Firewall which protects code sensitive and secure data from any access
performed by a code executed outside of the protected areas.
Each illegal access generates a reset which kills immediately the detected intrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com