Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC9237B2CDMR Datasheet(PDF) 16 Page - Torex Semiconductor

No. de pieza XC9237B2CDMR
Descripción Electrónicos  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237B2CDMR Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC9237B2CDMR Datasheet HTML 12Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 13Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 14Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 15Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 16Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 17Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 18Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 19Page - Torex Semiconductor XC9237B2CDMR Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16/28
XC9235/XC9236/XC9237 Series
●Instructions of pattern layouts
1. In order to stabilize VIN voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to
the VIN & VSS pins.
2. Please mount each external component as close to the IC as possible.
3. Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
impedance.
4. Make sure that the PCB GND traces are as thick as possible, as variations in ground potential caused by high ground
currents at the time of switching may result in instability of the IC.
5. This series’ internal driver transistors bring on heat because of the output current and ON resistance of driver transistors.
■NOTE ON USE (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28