Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3PTR Datasheet(PDF) 86 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3PTR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3PTR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32L4R5VGJ3PTR Datasheet HTML 82Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 83Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 84Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 85Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 86Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 87Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 88Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 89Page - STMicroelectronics STM32L4R5VGJ3PTR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 306 page
background image
36
M6
M6
47
47
H7
L5
L5
33
43
J5
H7
H7
L5
PB1
I/O
FT_a
-
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
DFSDM1_DATIN0,
USART3_RTS_DE,
LPUART1_RTS_DE,
OCTOSPIM_P1_IO0,
LPTIM2_IN1,
EVENTOUT
COMP1_INM,
ADC1_IN16
37
L6
L6
48
48
J7
N5
N5
34
44
H5
J7
J7
N5
PB2
I/O
FT_a
-
RTC_OUT,
LPTIM1_OUT,
I2C3_SMBA,
DFSDM1_CKIN0,
OCTOSPIM_P1_DQS,
LCD_B1, EVENTOUT
COMP1_INP
-
K6
K6
49
49
K7
M5
M5
-
45
K6
K7
K7
M5
PF11
I/O
FT
-
LCD_DE, DCMI_D12,
DSI_TE, EVENTOUT
-
-
J7
J7
50
50
L8
N6
N6
-
46
G5
L8
L8
N6
PF12
I/O
FT
-
OCTOSPIM_P2_DQS,
LCD_B0, FMC_A6,
EVENTOUT
-
-
-
-
51
51
M8
-
-
-
47
M1
M8
M8
-
VSS
S
-
-
-
-
-
-
-
52
52
L7
N7
N7
-
48
M6
L7
L7
N7
VDD
S
-
-
-
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More