| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPA3003D2 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPA3003D2 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 38 page ![]() TPA3003D2 SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003 2 www.ti.com AVAILABLE OPTIONS TA PACKAGED DEVICE TA 48-PIN TQFP (PFB)† −40 °C to 85°C TPA3003D2PFB † The PFB package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part number (e.g., TPA3003D2PFBR). PHP PACKAGE (TOP VIEW) 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 1 2 3 4 5 6 7 8 9 10 11 12 VCLAMPR NC MUTE NC NC FADE COSC ROSC AGND VCLAMPL SD RINN RINP V2P5 LINP LINN VREF AGND AGND VOLUME REFGND TPA3003D2 AVCC AVDD AVDDREF |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |