Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0833232 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 0833232
Descripción Electrónicos  WMS-2 HF 9,5 (60X16)RL CUS - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0833232 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0833232 Datasheet HTML 1Page - PHOENIX CONTACT 0833232 Datasheet HTML 2Page - PHOENIX CONTACT 0833232 Datasheet HTML 3Page - PHOENIX CONTACT 0833232 Datasheet HTML 4Page - PHOENIX CONTACT 0833232 Datasheet HTML 5Page - PHOENIX CONTACT 0833232 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, white, cable diameter range: 4.8 ... 9.5 mm: user-defined, Cut, mounting type:
slide-on, text field height: 60 mm, text field width: 16 mm
Your advantages
The hoses are preassembled for optimal use of the material
•
WMS ... shrink sleeves provide permanent and captive conductor and cable marking
•
The sleeves remain flexible after shrinking
•
Commercial data
Item number
0833232
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8126
GTIN
4055626044996
Weight per piece (including packing)
2.7 g
Weight per piece (excluding packing)
2.7 g
Country of origin
PL
WMS-2 HF 9,5 (60X16)RL CUS - Shrink sleeve
0833232
https://www.phoenixcontact.com/us/products/0833232
Jul 15, 2025, 6:47AM
Page 1 (6)


Número de pieza similar - 0833232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
0833230 PHOENIX-0833230 Datasheet
188Kb / 6P
WMS-2 HF 9,5 (30X16)RL CUS - Shrink sleeve
0833231 PHOENIX-0833231 Datasheet
191Kb / 6P
WMS-2 HF 9,5 (30X16)RL YE CUS - Shrink sleeve
0833233 PHOENIX-0833233 Datasheet
191Kb / 6P
WMS-2 HF 9,5 (60X16)RL YE CUS - Shrink sleeve
0833234 PHOENIX-0833234 Datasheet
188Kb / 6P
WMS-2 HF 12,7 (60X20)RL CUS - Shrink sleeve
0833235 PHOENIX-0833235 Datasheet
190Kb / 6P
WMS-2 HF 12,7 (60X20)RL YE CUS - Shrink sleeve
More results

Descripción similar - 0833232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1720017 PHOENIX-1720017 Datasheet
87Kb / 5P
PCB terminal block - SMKDS 5/ 2-9,5 - 1720017
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1710755 PHOENIX-1710755 Datasheet
56Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 GY
1714971 PHOENIX-1714971 Datasheet
137Kb / 5P
MKDS 5/ 2-9,5
1719015 PHOENIX-1719015 Datasheet
81Kb / 5P
PCB terminal block - MKKDS 5/ 2-9,5
1724385 PHOENIX-1724385 Datasheet
55Kb / 4P
PCB terminal block - SMKDS 5/ 2-9,5 A0
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
1714926 PHOENIX-1714926 Datasheet
112Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 BK
11/04/2018
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com