Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IP175C-DS-R07 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

No. de pieza IP175C-DS-R07
Descripción Electrónicos  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R07 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R07 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 96Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 97Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
94/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
30
27.8
5.0
R/W MBSTM DISABLE
Multicast broadcast storm protection disable
1: “Broadcast storm protection” does not include multicast
packets. IP175C/IP175CH drops the packets with DA =
FFFFFFFF only when the broadcast threshold is reached
(default),
0: “Broadcast storm protection” includes multicast packets.
IP175C/IP175CH drops the packets with DA = FFFFFFFFF,
or multi-cast address when the broadcast threshold is
reached.
“Broadcast storm protection” does not drop packets due to not
learned address.
1
30
27.0
81.0
R/W DIFFSEV_EN
1: DiffServ is enabled, 0: Diffserv is disabled (default)
0
30
28
83, 82
R/W DSCP[15:0]
Lookup table for DiffServ
0
30
29
85, 84
R/W DSCP[31:16]
Lookup table for DiffServ
0
30
30
87, 86
R/W DSCP[47:32]
Lookup table for DiffServ
0
30
31
89, 88
R/W DSCP[63:48]
Lookup table for DiffServ
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com