Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SLCU6R Datasheet(PDF) 4 Page - Europa PLC

No. de pieza SLCU6R
Descripción Electrónicos  Sentinel Range Consumer Units
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUROPA [Europa PLC]
Página de inicio  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

SLCU6R Datasheet(HTML) 4 Page - Europa PLC

  SLCU6R Datasheet HTML 1Page - Europa PLC SLCU6R Datasheet HTML 2Page - Europa PLC SLCU6R Datasheet HTML 3Page - Europa PLC SLCU6R Datasheet HTML 4Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
Data Sheet
EDS1392-004
Page 4 of 4
EUR PA
Recommended Accessories for the
Range
Part Number
Description
SLCUACC01KIT
Accessory Kit Sticker and Way Labels, Pin Covers, Grommet Strip
SLCUNC16280
Flexible Neutral Cable (Blue) 16mm2 280mm long
SLCUBB-10
10-Way Flexible Busbar with Cover
SLCUBB-14
14-Way Flexible Busbar with Cover
SLCUBB-18
18-Way Flexible Busbar with Cover
SLCUMMB
Metal Blank Module Covers
SLCUSPD2KIT
Type 2 SPD Kit (inc. Type 2 SPD, 32A MCB + Wiring)
AUSP-40J/1+1
Type 2 SPD Single Module Wide
SLCU6LL
Lockable Lid for 6-Way Boards
SLCU8LL
Lockable Lid for 8-Way Boards
SLCU10LL
Lockable Lid for 10-Way Boards
SLCU12LL
Lockable Lid for 12-Way Boards
SLCU14LL
Lockable Lid for 14-Way Boards
SLCU16LL
Lockable Lid for 16-Way Boards
SLCU18LL
Lockable Lid for 18-Way Boards
SLCU20LL
Lockable Lid for 20-Way Boards
Notes
This unit must be installed by a skilled or instructed person in accordance with the current BS 7671 IET Wiring Regulations
The product must be tested by skilled persons competent for verification after installation and before being put to service
Please ensure these instructions are available to the end user for future reference
Total load not to exceed the rating of the incoming main switch or RCCB
The total sum of the individual MCB ratings may exceed this value where there is an appropriate diversity factor on the
installation (see diversity factor table above)
It is important to ensure that all connections, including factory-made, must be checked for the correct installation and
tightness,
prior to the commissioning of the electrical installation
This product is only suitable for indoor installation



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com