Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STA335BW Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STA335BW
Descripción Electrónicos  2.1 channels high efficiency digital audio system
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BW Datasheet(HTML) 1 Page - STMicroelectronics

  STA335BW Datasheet HTML 1Page - STMicroelectronics STA335BW Datasheet HTML 2Page - STMicroelectronics STA335BW Datasheet HTML 3Page - STMicroelectronics STA335BW Datasheet HTML 4Page - STMicroelectronics STA335BW Datasheet HTML 5Page - STMicroelectronics STA335BW Datasheet HTML 6Page - STMicroelectronics STA335BW Datasheet HTML 7Page - STMicroelectronics STA335BW Datasheet HTML 8Page - STMicroelectronics STA335BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2006
Rev 1
1/54
1
STA335BW
2.1 channels high efficiency digital audio system
Features
■ Wide supply voltage range (5 to 24V)
■ 4 Power Output Configurations
– 2 channels of ternary PWM (stereo mode)
(2 x 20 W @ 8
Ω, 18 V)
– 3 channels - left, right using binary and LFE
using ternary PWM (2.1 mode) (2x10W +
1x20 W @ 2 x 4
Ω, 1 x 8 Ω, 20 V)
– 1 channel PWM output (parallel-mode)
(1 x 40 W)
– 2 channels of ternary PWM (2 x 20 W) +
stereo lineout ternary
■ 2.1 Channels of 24-Bit DDX®
■ >94dB SNR and Dynamic Range
■ Selectable 32 KHz to 192 KHz Input Sample
Rates
■ I2C control with Selectable Device Address
■ Digital Gain/Attenuation +48 dB to -80 dB in
0.5 dB steps
■ Soft Volume Update
■ Individual Channel and Master
Gain/Attenuation
■ Dual Independent Limiters/Compressors
■ Dynamic Range Compression or Anti-Clipping
Modes
■ AutomodesTM
– 15 Preset Crossover filters
– 2 Preset Anti-Clipping Modes
– Preset Nighttime Listening Mode
■ Individual Channel and Master Soft and Hard
Mute
■ Independent Channel Volume and DSP
Bypass
■ Automatic Zero-Detect Mute
■ Automatic Invalid Input Detect Mute
■ 2-Channel I2S Input Data Interface
■ Input and Output Channel Mapping
■ 4 x 28-bit User Programmable Biquads (EQ)
per channel
■ Bass/Treble Tone Control
■ DC Blocking Selectable High-Pass Filter
■ Selectable De-emphasis
■ Sub Channel Mix into Left and Right Channels
■ Advanced AM Interference Frequency
Switching and Noise Suppression Modes
■ Selectable High or Low Bandwidth Noise
Shaping Topologies
■ Variable Max Power Correction for lower full-
power THD
■ Selectable Clock Input Ratio
■ 96 KHz Internal Processing Sample Rate, 24 to
28-bit precision
■ Thermal Overload and Short-circuit Protection
embedded
■ Video Application: 576 x fs input mode
supporting
■ PSSO-36 Slug Down package.
Order codes
PowerSSO36
Slug Down
Part number
Temp range,
° C
Package
Packing
STA335BW
0 to 150
PowerSSO36 Slug Down
Tube
www.st.com


Número de pieza similar - STA335BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA335BWQS STMICROELECTRONICS-STA335BWQS Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
15-May-2008
STA335BWQS STMICROELECTRONICS-STA335BWQS Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
12-Aug-2010
STA335BWQS13TR STMICROELECTRONICS-STA335BWQS13TR Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
15-May-2008
STA335BWQS13TR STMICROELECTRONICS-STA335BWQS13TR Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
12-Aug-2010
STA335BWQS STMICROELECTRONICS-STA335BWQS_V01 Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
12-Aug-2010
More results

Descripción similar - STA335BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com