Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CD74HC165E.A Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza CD74HC165E.A
Descripción Electrónicos  CDx4HC165, CDx4HCT165 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC165E.A Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC165E.A Datasheet HTML 1Page - Texas Instruments CD74HC165E.A Datasheet HTML 2Page - Texas Instruments CD74HC165E.A Datasheet HTML 3Page - Texas Instruments CD74HC165E.A Datasheet HTML 4Page - Texas Instruments CD74HC165E.A Datasheet HTML 5Page - Texas Instruments CD74HC165E.A Datasheet HTML 6Page - Texas Instruments CD74HC165E.A Datasheet HTML 7Page - Texas Instruments CD74HC165E.A Datasheet HTML 8Page - Texas Instruments CD74HC165E.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CDx4HC165, CDx4HCT165 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift
Register
1 Features
• Buffered inputs
• Asynchronous parallel load
• Complementary outputs
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL Loads
– Bus driver outputs: 15 LSTTL Loads
• Wide operating temperature range: -55
℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC Types
– 2 V to 6 V Operation
– High Noise Immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5V
• HCT Types
– 4.5 V to 5.5 V Operation
– Direct LSTTL Input Logic Compatibility,
VIL = 0.8 V (Max), VIH = 2 V (Min)
– CMOS Input Compatibility, II ≤ 1 μA at VOL, VOH
2 Description
The ’HC165 and ’HCT165 are 8-bit parallel or serial-
in shift registers with complementary serial outputs
(QH and Q H) available from the last stage. When
the parallel load (SH/LD) input is LOW, parallel data
from the A to H inputs are loaded into the register
asynchronously. When the SH/LD is HIGH, data
enters the register serially at the SER input and shifts
one place to the right (A→B→C, etc.) with each
positive-going clock transition. This feature allows
parallel-to-serial converter expansion by connecting
the QH output to the SER input of the succeeding
device.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC165F3A
CDIP (16)
24.38 mm × 6.92 mm
CD74HC165M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC165E
PDIP (16)
19.31 mm × 6.35 mm
CD54HCT165F3A
CDIP (16)
24.38 mm × 6.92 mm
CD74HCT165M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT165E
PDIP (16)
19.31 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
SH/LD
SER
CLK INH
CLK
A
D
S
R
Q
B
D
S
R
Q
5 Additional
Shift Register
Stages
C
D
E
F
G
H
D
S
R
Q
Q
QH
QH
Functional Diagram
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165
SCHS156D – FEBRUARY 1998 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - CD74HC165E.A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC165E TI-CD74HC165E Datasheet
52Kb / 9P
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165E TI-CD74HC165E Datasheet
261Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165E TI-CD74HC165E Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165EE4 TI-CD74HC165EE4 Datasheet
261Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165EE4 TI-CD74HC165EE4 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
More results

Descripción similar - CD74HC165E.A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com