| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2575IN Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2575IN Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 20 page ![]() 0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 -40 -25 -10 5 20 35 50 65 80 95 110 125 TJ – Junction Temperature – °C D W V = 5% R = 0.2 OUT IND I = 1 A LOAD I = 200 mA LOAD 0 0.5 1 1.5 2 2.5 3 -50 -25 0 25 50 75 100 125 150 TJ – Junction Temperature – °C -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 10 20 30 40 50 60 VIN – Input Voltage – V ILOAD = 200 mA TJ = 25°C -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -50 -25 0 25 50 75 100 125 150 TA – Temperature – °C VIN = 20 V ILOAD = 200 mA TJ = 25°C LM2575 www.ti.com SLVS569F – JANUARY 2005 – REVISED AUGUST 2015 Electrical Characteristics (continued) ILOAD = 200 mA, VIN = 12 V (unless otherwise noted) (see Figure 16) PARAMETER TEST CONDITIONS TJ MIN TYP MAX UNIT 25°C 2.2 1.4 VIH OFF (VOUT = 0 V) Full range 2.4 ON/OFF logic input level V 25°C 1.2 1 VIL ON (VOUT = nominal voltage) Full range 0.8 IIH OFF (ON/OFF pin = 5 V) 12 30 ON/OFF input current 25°C μA IIL ON (ON/OFF pin = 0 V) 0 10 6.6 Typical Characteristics Figure 1. Normalized Output Voltage Figure 2. Line Regulation Figure 4. Current Limit Figure 3. Dropout Voltage Copyright © 2005–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM2575 |