Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0899321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 0899321
Descripción Electrónicos  E PX A 360X360X91 - Empty enclosure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0899321 Datasheet HTML 1Page - PHOENIX CONTACT 0899321 Datasheet HTML 2Page - PHOENIX CONTACT 0899321 Datasheet HTML 3Page - PHOENIX CONTACT 0899321 Datasheet HTML 4Page - PHOENIX CONTACT 0899321 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
General
Prepared for direct installation of a DIN rail
Product properties
Product type
Terminal box
Type
Ex empty enclosure with cover
Insulation characteristics
Protection class
II
Dimensions
Dimensional drawing
Width
360 mm
Height
360 mm
Depth
91 mm
Clearance width, maximum DIN rail length
343 mm
max. assembly length
320 mm
Material specifications
Color
black
Material
Glass-fiber-reinforced polyester with added graphite
Flammability rating according to UL 94
V0
Seal material
Silicon
Components
halogen-free
Mechanical properties
General
Type of locking (GRP)
Screw-on cover Plus/minus screw
Environmental and real-life conditions
Degree of protection (IP code)
Degree of protection
IP66
Ambient conditions
Ambient temperature (operation)
-55 °C ... 127 °C
Mounting
E PX A 360X360X91 - Empty enclosure
0899321
https://www.phoenixcontact.com/us/products/0899321
Aug 25, 2025, 5:37AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com