Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

F02CT Datasheet(PDF) 1 Page - XP Power Limited

No. de pieza F02CT
Descripción Electrónicos  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F02CT Datasheet(HTML) 1 Page - XP Power Limited

  F02CT Datasheet HTML 1Page - XP Power Limited F02CT Datasheet HTML 2Page - XP Power Limited F02CT Datasheet HTML 3Page - XP Power Limited F02CT Datasheet HTML 4Page - XP Power Limited F02CT Datasheet HTML 5Page - XP Power Limited F02CT Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F Series
The F Series is a broad line of robust, field-proven DC to HV DC converters which deliver 10
Watts continuous output power. Outputs range from 100V to 12kV. The input and output
are galvanically isolated so a unit can be used to deliver a positive or negative high voltage
output. The output voltage is proportional to input voltage with a low 0.7V typical turn-on
voltage.
The F Series employs a qμasi-sinewave oscillator, a fully enclosed transformer, input and
output filtering, and a 5-sided metal enclosure. As a result, these modules exhibit very low
EMI/RFI, noise and ripple. A dual output option has a center-tap pin which, when grounded
provides both positive and negative outputs from one compact module.
10W
DC-HVDC CONVERTER
Features
• Output Voltages from 100V to 12kV
• Output Voltage Proportional to Input
• Low Turn-on Voltage 0.7VDC
• Input to Output Isolation
• Dual Output Option
• Arc & Short Circuit Protected
• No Minimum Load
• 3 Year Warranty
Typical Applications
• Mass Spectrometry
• Electrostatic Chucks
• Electrophoresis
• Capacitor Charging
• Particle Counter
• Isolation Testing
• Medical Laser Treatment
2.80 x 1.70 x 0.85" (71.1 x 43.2 x 21.6mm)
Dimensions
Block Diagram
RECTIFIER &
MULTIPLIER
Transformer
OSCILLATOR
3
(+) Output
5
Center tap(for Dual output opon)
4
(-) Output
1
(+) In
2
(-)In


Número de pieza similar - F02CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
F02CT POWERBOX-F02CT Datasheet
564Kb / 3P
1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
More results

Descripción similar - F02CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
ETA-USA
ZWF360 ETA-USA-ZWF360 Datasheet
1Mb / 4P
360W A C/DC
logo
XP Power Limited
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com