| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EGC2016AFB Datasheet(PDF) 13 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2016AFB Datasheet(HTML) 13 Page - Eaton All Rights Reserved. |
|
13 / 63 page ![]() Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com V9-T1-13 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.1 Circuit Protection Circuit Breakers Universal Molded Case Circuit Breakers Features ● Universal design for both NEMA® (UL 489) and IEC (IEC 947-2) standards ● Suitable for 50°C application ● Factory-sealed thermal magnetic trip unit ● Standard interrupting ratings ● Includes mounting hardware and terminals Catalog Number Selection Universal Molded Case Circuit Breakers Universal Molded Case Frame Size G i = Gi Frame F i = Fi Frame J i = Ji Frame K i = Ki Frame L i = Li Frame Number of Poles G i Frame 1 = Single-pole 2 = Two-pole 3 = Three-pole F i Frame 2 = Two-pole 3 = Three-pole J i Frame 3 = Three-pole K i Frame 3 = Three-pole L i Frame 3 = Three-pole Ampere Rating G i Frame 015 = 15 amp 020 = 20 amp 030 = 30 amp 040 = 40 amp 050 = 50 amp 060 = 60 amp 070 = 70 amp 080 = 80 amp 100 = 100 amp 125 = 125 amp F i Frame 015 = 15 amp 020 = 20 amp 030 = 30 amp 040 = 40 amp 050 = 50 amp 060 = 60 amp 070 = 70 amp 080 = 80 amp 100 = 100 amp 125 = 125 amp 150 = 150 amp 160 = 160 amp 175 = 175 amp 200 = 200 amp 225 = 225 amp J i Frame 250 = 250 amp K i Frame 300 = 300 amp 350 = 350 amp 400 = 400 amp L i Frame 500 = 500 amp 600 = 600 amp 630 = 630 amp G 2 070 i |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |