Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBJ75C Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

No. de pieza SMBJ75C
Descripción Electrónicos  POWER 600Watts VOLTAGE 5.0 to 188 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAESAN [DAESAN ELECTRONIC CORP.]
Página de inicio  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMBJ75C Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMBJ75C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMBJ75C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMBJ75C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMBJ75C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=50A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MB J 5.0(C )
K D
K D
6.40
7.82
7.07
10
5.0
800
62.5
9.6
S MB J 5.0(C )A(5)
K E
K E
6.40
10
5.0
800
65.2
9.2
S MB J 6.0(C )
K F
K F
6.67
8.15
7.37
10
6.0
800
52.6
11.4
S MB J 6.0(C )A
K G
K G
6.67
10
6.0
800
58.3
10.3
S MB J 6.5(C )
K H
AH
7.22
7.22
8.82
10
6.5
500
48.8
12.3
S MB J 6.5(C )A
K K
AK
7.98
10
6.5
500
53.6
11.2
S MB J 7.0(C )
K L
K L
7.78
9.51
8.60
10
7.0
200
45.1
13.3
S MB J 7.0(C )A
K M
K M
7.78
10
7.0
200
50.0
12.0
S MB J 7.5(C )
K N
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
S MB J 7.5(C )A
K P
AP
8.33
1.0
7.5
100
46.5
12.9
S MB J 8.0(C )
K Q
AQ
8.89
10.9
9.83
9.21
1.0
8.0
50
40.0
15.0
S MB J 8.0(C )A
K R
AR
8.89
1.0
8.0
50
44.1
13.6
S MB J 8.5(C )
K S
AS
9.44
11.5
10.4
1.0
8.5
20
37.7
15.9
S MB J 8.5(C )A
K T
AT
9.44
1.0
8.5
20
41.7
14.4
S MB J 9.0(C )
K U
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
S MB J 9.0(C )A
K V
AV
10.0
1.0
9.0
10
39.0
15.4
S MB J 10(C )
K W
AW
11.1
13.6
12.3
11.1
1.0
10
5.0
31.9
18.8
S MB J 10(C )A
K X
AX
11.1
1.0
10
5.0
35.3
17.0
S MB J 11(C )
K Y
K Y
12.2
14.9
1.0
11
5.0
29.9
20.1
S MB J 11(C )A
K Z
K Z
12.2
1.0
11
5.0
33.0
18.2
S MB J 12(C )
LD
B D
13.3
16.3
13.5
1.0
12
5.0
27.3
22.0
S MB J 12(C )A
LE
B E
13.3
1.0
12
5.0
30.2
19.9
S MB J 13(C )
LF
LF
14.4
17.6
15.9
14.7
1.0
13
1.0
25.2
23.8
S MB J 13(C )A
LG
LG
14.4
1.0
13
1.0
27.9
21.5
S MB J 14(C )
LH
B H
15.6
19.1
17.2
1.0
14
1.0
23.3
25.8
S MB J 14(C )A
LK
B K
15.6
1.0
14
1.0
25.9
23.2
S MB J 15(C )
LL
B L
16.7
20.4
18.5
1.0
15
1.0
22.3
26.9
S MB J 15(C )A
LM
B M
16.7
1.0
15
1.0
24.6
24.4
S MB J 16(C )
LN
LN
17.8
21.8
19.7
1.0
16
1.0
20.8
28.8
S MB J 16(C )A
LP
LM
17.8
1.0
16
1.0
23.1
26.0
S MB J 17(C )
LQ
LQ
18.9
23.1
20.9
1.0
17
1.0
19.7
30.5
S MB J 17(C )A
LR
LR
18.9
1.0
17
1.0
21.7
27.6
S MB J 18(C )
LS
B S
20.0
24.4
1.0
18
1.0
18.6
32.2
S MB J 18(C )A
LT
B T
20.0
1.0
18
1.0
20.5
29.2
S MB J 20(C )
LU
LU
22.2
27.1
22.1
1.0
20
1.0
16.8
35.8
S MB J 20(C )A
LV
LV
22.2
1.0
20
1.0
18.5
32.4
S MB J 22(C )
LW
B W
24.4
29.8
24.5
1.0
22
1.0
15.2
39.4
S MB J 22(C )A
LX
B X
24.4
1.0
22
1.0
16.9
35.5
S MB J 24(C )
LY
B Y
26.7
32.6
26.9
1.0
24
1.0
14.0
43.0
S MB J 24(C )A
LZ
B Z
26.7
1.0
24
1.0
15.4
38.9
S MB J 26(C )
MD
C D
28.9
35.3
29.5
1.0
26
1.0
12.9
46.6
S MB J 26(C )A
ME
C E
28.9
1.0
26
1.0
14.3
42.1
S MB J 28(C )
MF
MF
31.1
38.0
34.4
31.9
1.0
28
1.0
12.0
50.0
S MB J 28(C )A
MG
MG
31.1
1.0
28
1.0
13.2
45.4
S MB J 30(C )
MH
C H
33.3
40.7
36.8
1.0
30
1.0
11.2
53.5
S MB J 30(C )A
MK
C K
33.3
1.0
30
1.0
12.4
48.4
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bidirectional S MB G /S MB J 5.0C A, the maximum V(BR ) is 7.25V



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com