| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP4OA1RWANN Datasheet(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
LP4OA1RWANN Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 3 page ![]() SERIES LP4 SWITCHES Mechanical Life: 50,000 cycles Force: 250 ± 100 grams Travel: 1.0mm ± 0.3mm LOCK; 1.5mm ± 0.3mm FULL Specifications subject to change without notice. SERIES CAP SIZE 1 = DPDT CIRCUIT OA = Momentary EE = Latching N = No Cap A = Square w/ Bezel B = Round w/ Bezel C = Round w/o Bezel FUNCTION STYLE LP4 ILLUMInATED PUShBUTTOn SWITCh 7153 NORTHLAND DRIVE NORTH BROOKLYN PARK, MN 55428 www.e-switch.com email: info@e-switch.com MECHANICAL SPECIFICATIONS Contact Rating: 30VDC, 0.1A Contact Resistance (Initial Max.): 50milliohms max. Insulation Resistance (min.@500V): 100megaohms min. @ 500VDC Dielectric Strength (1 Min.): 500VAC ELECTRICAL SPECIFICATIONS Operating Temperature: -20°C to +70°C ENVIRONMENTAL SPECIFICATIONS HOW TO ORDER PhOnE: 763.504.3525 FAx: 763.531.8235 Example Ordering Number LP4_OA_ 1_ P_ B_A_ T -- R FEATURES & BENEFITS • Latching and momentary options • Illuminated • Right angle and vertical mount options • Multiple bezel and button designs APPLICATIONS / MARKETS • Telecommunications • Consumer Electronics • Audio/visual • Medical • Testing/instrumentation • Computer/servers/peripherals TERMINATION P = Vertical PCB Mount R = Right Angle PCB Mount* LED COLOR OPTIONS N = No LED R = Red G = Green Y = Yellow B = Blue W = White CAP COLOR N = No Cap T = Transparent G = Green R = Red Y = Yellow B = Blue HOUSING COLOR B = Black W = White G = Gray * Right angle only available in a square cap with bezel. |
Número de pieza similar - LP4OA1RWANN |
|
Descripción similar - LP4OA1RWANN |