| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PFS7524L/H Datasheet(PDF) 17 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7524L/H Datasheet(HTML) 17 Page - Power Integrations, Inc. |
|
17 / 37 page ![]() Rev. D 04/25 17 PFS7523-7529/7533-7539 www.power.com Figure 16. Heat Sink Assembly – using Thermally Conductive Adhesive. 1 5 3 4 2 (2X) 2. Screw 1. Heat Sink 4. HiperPFS-3 3. Thermally Conductive Adhesive 5. Eyelet Terminal − Electrical Connection to Heat Sink The value of resistor R5 will have to be adjusted in some designs and as a guideline the value from the following calculation can be used: P O Maximum continuous output power in watts. V O Nominal PFC output voltage in volts. C O PFC output capacitance in farads. Heat Sinking and Thermal Design Figures 15, 16, 17 show an example of the recommended assembly for the HiperPFS-3. In this assembly, no insulation pad is required and HiperPFS-3 can be directly connected to the heat sink by mechanical clip or adhesive thermal compound. The HiperPFS-3 back metal is electrically connected to the heat sink and the heat sink is required to be connected to the HiperPFS-3 source terminal in order to reduce EMI. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |