Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TOP203YAI Datasheet(PDF) 6 Page - Power Integrations, Inc.

No. de pieza TOP203YAI
Descripción Electrónicos  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP203YAI Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP203YAI Datasheet HTML 2Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 3Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 4Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 5Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 6Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 7Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TOP200-4/14
D
7/96
6
General Circuit Operation
Primary Feedback Regulation
The circuit shown in Figure 7 is a simple
5 V, 5 W bias supply using the TOP200.
This universal input flyback power
supply employs primary-side regulation
from a transformer bias winding. This
approach is best for low-cost applications
requiring isolation and operation within
a narrow range of load variation. Line
and load regulation of
±5% or better can
be achieved from 10% to 100% of rated
load.
Voltage feedback is obtained from the
transformer (T1) bias winding, which
eliminates the need for optocoupler and
secondary-referenced error amplifier.
High-voltage DC is applied to the
primary winding of T1. The other side
of the transformer primary is driven by
Figure 7. Schematic Diagram of a Minimum Parts Count 5 V, 5 W Bias Supply Utilizing the TOP200.
the integrated high-voltage MOSFET
transistor within the TOP200 (U1). The
circuit operates at a switching frequency
of 100 kHz, set by the internal oscillator
of the TOP200.
The clamp circuit
implemented by VR1 and D1 limits the
leading-edge voltage spike caused by
transformer leakage inductance to a safe
value. The 5 V power secondary winding
is rectified and filtered by D2, C2, C3,
and L1 to create the 5 V output voltage.
The output of the T1 bias winding is
rectified and filtered by D3, R1, and C5.
The voltage across C5 is regulated by
U1, and is determined by the 5.7 V
internal shunt regulator at the
CONTROL pin of U1.
When the
rectified bias voltage on C5 begins to
exceed the shunt regulator voltage,
current will flow into the control pin.
Increasing control pin current decreases
the duty cycle until a stable operating
point is reached. The output voltage is
proportional to the bias voltage by the
turns ratio of the output to bias windings.
C5 is used to bypass the CONTROL pin.
C5 also provides loop compensation for
the power supply by shunting AC
currents around the CONTROL pin
dynamic impedance, and also determines
the auto-restart frequency during start-
up and auto-restart conditions. See DN-
8 for more information regarding the use
of the TOP200 in bias supplies.
PI-1749-012296
5 V
RTN
C5
47
µF
U1
TOP200YAI
D2
1N5822
D3
1N4148
L1
(Bead)
C2
330
µF
25 V
C3
150
µF
25 V
T1
D1
UF4005
DC
INPUT
VR1
1N4764
R1
22
Ω
CIRCUIT PERFORMANCE:
Load Regulation - ±4%
(10% to 100%)
Line Regulation - ±1.5%
95 to 370 V DC
Ripple Voltage ±25 mV
DRAIN
SOURCE
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com