Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDEP115ME Datasheet(PDF) 1 Page - Sumida Corporation

No. de pieza CDEP115ME
Descripción Electrónicos  POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP115ME Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP115ME Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS <SMD Type: CDEP**ME Series>
Type: CDEP115ME
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆ Product Description
10.5×9.0mm Max. (L×W), 5.5mm Max. height
・Inductance range: 1.3μH
・Rated Current Range: 15.3A
◆ Feature
Super high current inductors.
・Iron powder core used, Flat wire used.
・Ideally used in POL module DC/DC converter and computer CPU power supply.
・RoHS Compliance
◆ Dimensions (mm)
◆ Land Pattern (mm)
◆ Schematics (Bottom)
◆ Specification
※ Description of part name
CDEP115MENP-1R3M□
※1. Saturation current: The DC current at which the inductance decreases to 75% of it’s initial value. (Ta=20℃)
※2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
Part Name
Stamp
Inductance
[Within]
100kHz
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current
(A)※1
Temperature
Rise current
(A) ※2
CDEP115MENP-1R3M□
1R3
1.30uH ± 20%
2.6 (2.2)
13.4
15.3
B
Box
C
Carrier Tape
1.80
1.80
1.80
4.80
5.5 Max.
9.0 Max.
2.5
4.8
6.0
3.5
2.6
2.5
1
2
3 - N/C


Número de pieza similar - CDEP115ME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDEP104 SUMIDA-CDEP104 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104 SUMIDA-CDEP104 Datasheet
156Kb / 3P
POWER INDUCTORS
CDEP104-0R2B-50 SUMIDA-CDEP104-0R2B-50 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104-0R2B-88 SUMIDA-CDEP104-0R2B-88 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP104-0R2C-50 SUMIDA-CDEP104-0R2C-50 Datasheet
251Kb / 1P
POWER INDUCTORS (SMD Type)
More results

Descripción similar - CDEP115ME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com