Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KTA2000LP5B1 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza KTA2000LP5B1
Descripción Electrónicos  Canalis KT Standard flat elbows
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KTA2000LP5B1 Datasheet(HTML) 1 Page - Schneider Electric

  KTA2000LP5B1 Datasheet HTML 1Page - Schneider Electric KTA2000LP5B1 Datasheet HTML 2Page - Schneider Electric KTA2000LP5B1 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
플랫 엘보우, 카날리스 KTA, 알루미
늄, 2000A, 3L+N+PER(Al), N1, 1 짧
은 가지 측정용으로 제작됨, 직각
KTA2000LP5B1
기본항목
레인지
Canalis
제품명
KT
제품 또는 구성요소 타입
Elbow
버스바 설명
Standard
모델명
KTA
Application
Change direction
자재
알루미늄
[Ie]
정격 운전 전류
2000 A 에서 35 °C
polarity
3L + N + PER
direction change type
1 flat right
operating angle
90 °
earth conductor
Reinforced
short-circuit level
Standard version
제공된 장비
Trunking unit
Jointing unit
전기적/기계적 특성
하우징 자재
Polyester film
접점 자재
Copper
[Ue]
정격 운전 전압
1000 V
네트워크 주파수
50/60 Hz
[Ui]
정격 절연 전압
1000 V
[Icw]
정격 단시간 내 전류
70 KA
[Ipk]
정격 단시간 내 전류 파고치
154 KA
radiated magnetic field
1.3 µT
thermal stress limit
4900000 kA².s
THDI
0…15 % 2000 A
15…33 % 2500 A
33…100 % 3200 A
Maximum voltage drop
<0.0029 V 1 에서 50 Hz with 1A for 100 m long
<0.003 V 0.9 에서 50 Hz with 1A for 100 m long
<0.0029 V 0.8 에서 50 Hz with 1A for 100 m long
<0.0027 V 0.7 에서 50 Hz with 1A for 100 m long
중성 포지션
오른쪽
제품 데이터 시트
사양
2025. 9. 2.
1


Número de pieza similar - KTA2000LP5B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
KTA2000LP5B2 SCHNEIDER-KTA2000LP5B2 Datasheet
271Kb / 3P
Canalis KT Standard flat elbows
2025. 9. 2.
More results

Descripción similar - KTA2000LP5B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
KT15R25 SHINDENGEN-KT15R25 Datasheet
136Kb / 1P
TSS KT Series
logo
Winchester Electronics ...
KTK-3 WINCHESTER-KTK-3 Datasheet
29Kb / 1P
KT STEEPER
KTK-4 WINCHESTER-KTK-4 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-5 WINCHESTER-KTK-5 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-6 WINCHESTER-KTK-6 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-7 WINCHESTER-KTK-7 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-8 WINCHESTER-KTK-8 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-9 WINCHESTER-KTK-9 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-11 WINCHESTER-KTK-11 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-12 WINCHESTER-KTK-12 Datasheet
29Kb / 1P
KT-SIRPPER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com