Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

18/2SHP Datasheet(PDF) 1 Page - Structured Cable Products Inc.

No. de pieza 18/2SHP
Descripción Electrónicos  Shielded Cable 2/C 18/7 AWG SBC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STRUCTURED-CABLE [Structured Cable Products Inc.]
Página de inicio  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

18/2SHP Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  18/2SHP Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30-May-2014
Product Number :
Shielded Cable 2/C 18/7 AWG SBC
PVC PLENUM Insulation
White PVC PLENUM FT6 Jacket
1000 FEET Plywood Spool
RoHS
18/2SHP
Conductor :
18 AWG 7 Strand SBC Cond.
Total Cable Weight : 33 kg/km
Final Diameter :
0.160 inches
C
V
P
:
t
e
k
c
a
J
C
V
P
:
n
o
it
a
l
u
s
n
I
Shield :
Foil Shield 0.625
Insulation Colors: Red & Black
Drain :
24 AWG 7 Strand STC Cond.
DC Resistance 25°C:
7 Ohms / 1000 ft
Mutual Capacitance : 77 pF/ft
Impedance :
32 Ohms
Velocity of Prop : 58 %
Inductance. :
1.3 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print :
STRUCTURED CABLE PRODUCTS --- P/N 18/2SHP --- (UL) CL2P/CL3P
E132885 OR FPLP 75°C (UL) C(UL) CMP FT-6 SHIELDED 2/C 18 AWG ---
ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.100
Ins Thickness: 0.008
Jkt Thickness: 0.015
Certified: UL CL2P/CL3P OR FPLP/CMP
Flame Rating: Plenum
Max Voltage: 300V
UNCONTROLLED COPY
4
1
/
0
3
/
5
0
1
:
v
e
R
c
e
p
S
tr
a
P
t
p
r.
s
t
e
e
h
S
c
e
p
S
( All of the above values are approximated to within
)
+/- 10%
7601802BPV6.02S.1000
TM
sales@scpcat5e.com
SPECIFICATION SHEET
Phone: 866-470-5742
www.scpcat5e.com


Número de pieza similar - 18/2SHP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Structured Cable Produc...
18/2SH-GY STRUCTURED-CABLE-18/2SH-GY Datasheet
207Kb / 1P
Shielded Riser 2/C 18/16 AWG SBC
06/10/15
18/2SHDB STRUCTURED-CABLE-18/2SHDB Datasheet
528Kb / 1P
2C/18AWG BC STRANDED SHIELDED
More results

Descripción similar - 18/2SHP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Cable Technolog...
C8024 GENERAL-C8024 Datasheet
35Kb / 1P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8027 GENERAL-C8027 Datasheet
35Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Shielded Siamese CCTV - Cable
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8029 GENERAL-C8029 Datasheet
36Kb / 2P
RG 6/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
logo
Belden Inc.
8428 BELDEN-8428 Datasheet
177Kb / 2P
Microphone Cable, 2 Conductor 18 AWG, TC
01-20-2023
5300FH BELDEN-5300FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Riser
12-20-2022
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6300FH BELDEN-6300FH Datasheet
147Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Plenum
12-20-2022
5300FE BELDEN-5300FE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com