Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L452CEU6P Datasheet(PDF) 78 Page - STMicroelectronics

No. de pieza STM32L452CEU6P
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452CEU6P Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32L452CEU6P Datasheet HTML 74Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 75Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 76Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 77Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 78Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 79Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 80Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 81Page - STMicroelectronics STM32L452CEU6P Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 210 page
background image
Port B
PB0
-
-
QUADSPI_
BK1_IO1
-
COMP1_OUT
SAI1_EXTCLK
-
EVENTOUT
PB1
LPUART1_RTS
_DE
-
QUADSPI_
BK1_IO0
-
-
-
LPTIM2_IN1
EVENTOUT
PB2
-
----
-
-
EVENTOUT
PB3
-
----
SAI1_SCK_B
-
EVENTOUT
PB4
-
TSC_G2_IO1
-
-
-
SAI1_MCLK_B
-
EVENTOUT
PB5
-
TSC_G2_IO2
-
-
COMP2_OUT
SAI1_SD_B
TIM16_BKIN
EVENTOUT
PB6
CAN1_TX
TSC_G2_IO3
-
-
-
SAI1_FS_B
TIM16_CH1N
EVENTOUT
PB7
UART4_CTS
TSC_G2_IO4
-
-
-
-
-
EVENTOUT
PB8
-
CAN1_RX
-
-
SDMMC1_D4
SAI1_MCLK_A
TIM16_CH1
EVENTOUT
PB9
-
CAN1_TX
-
-
SDMMC1_D5
SAI1_FS_A
-
EVENTOUT
PB10
LPUART1_RX
TSC_SYNC
QUADSPI_CLK
-
COMP1_OUT
SAI1_SCK_A
-
EVENTOUT
PB11
LPUART1_TX
-
QUADSPI_
BK1_NCS
-
COMP2_OUT
-
-
EVENTOUT
PB12
LPUART1_RTS
_DE
TSC_G1_IO1
CAN1_RX
-
-
SAI1_FS_A
TIM15_BKIN
EVENTOUT
PB13 LPUART1_CTS
TSC_G1_IO2
CAN1_TX
-
-
SAI1_SCK_A
TIM15_CH1N
EVENTOUT
PB14
-
TSC_G1_IO3
-
-
-
SAI1_MCLK_A
TIM15_CH1
EVENTOUT
PB15
-
TSC_G1_IO4
-
-
-
SAI1_SD_A
TIM15_CH2
EVENTOUT
Table 18. Alternate function AF8 to AF15 (for AF0 to AF7 see Table 17) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/
LPUART1/
CAN1
CAN1/TSC
CAN1/USB/
QUADSPI
-
SDMMC1/
COMP1/
COMP2
SAI1
TIM2/TIM15/
TIM16/LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More