| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLST30SC Datasheet(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PLST30SC Datasheet(HTML) 1 Page - PANDUIT CORP. |
|
|
1 / 1 page ![]() E L E C T R I C A L S O LU T I O N S Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification • Heat stabilized material for high temperature applications up to 239°F (115°C) – indoor use • Heat stabilized weather resistant material has greater resistance to damage caused by ultraviolet light and for high temperature applications up to 212°F (100°C) – indoor or outdoor use • Integral mount pushes onto a threaded stud and tie wraps around bundle • Mid-mount style (PLST_SC) centers the wire bundle over the stud • Tie can be removed from the stud by turning counterclockwise • Releasable style available (PRST) • Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed installation Pan-Ty ® Stud Mounted Cable Ties – Heat Stabilized and Heat Stabilized Weather Resistant Nylon 6.6 Note: UL Recognized and CSA Certified except PLST4H. PLST30SC/50SC PRST40SC PLST4H Heat Stabilized Weather Resistant Nylon 6.6 Light-Heavy Cross Section PLST4HS25-TL300 15.3 389 .300 7.6 .075 1.9 1/4-20 6.4 4.00 102 120 534 GTH, GS4H, GS4EH, PTH, STH2, ST3EH 250 2500 Part Number Length Width Thickness Recommended Stud Size Max. Bundle Dia. Min. Loop Tensile Str. Recommended Installation Tool Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm In. mm In. mm In. mm Lbs. N Heat Stabilized Nylon 6.6 Standard Cross Section PLST30SC-D30 5.7 146 .190 4.8 .050 1.3 10-24 5.0 1.18 30 50 222 GTS, GTSL, GS2B, GTH, GS4H, PTS, PTH, PPTS, STS2, STH2 500 5000 PLST50SC-D30 8.1 207 .190 4.8 .050 1.3 10-24 5.0 1.97 50 50 222 500 5000 PRST40SC-D30 6.9 176 .190 4.8 .050 1.3 10-24 5.0 1.57 40 50 222 Hand install only 500 5000 |
Número de pieza similar - PLST30SC |
|
Descripción similar - PLST30SC |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |