| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
863028BLF Datasheet(PDF) 22 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
863028BLF Datasheet(HTML) 22 Page - Amphenol Communications Solutions |
|
22 / 23 page ![]() www.amphenol-icc.com Disclaimer Please note that the above information is subject to change without notice. D-Subminiature (D-Sub) Accessories 26• METAL DUST CAPS Shell size Connector Type Compatibility Part Numbers Diameter E Male 86553148TLF 30 Female 86553113TLF 30 86553138TLF* 30 A Male 86553149TLF 25 Female 86553114TLF 25 86553139TLF* 25 B Male 86553150TLF 20 Female 86553115TLF 20 86553140TLF* 20 C Male 86553151TLF 15 Female 86553116TLF 15 86553141TLF* 15 D Male 86553152TLF 10 Female 86553117TLF 10 86553142TLF* 10 • Material: Steel • Plating: Bright tin 27• PLASTIC DUST CAPS • Material: Thermoplastic • Color: Black • For Red colour, to change the “B” to “C” in P/N logic, Eg: 70518CLF Shell size For Male Connector A B For Female Connector A B E 70518BLF 19.17 10.30 70523BLF 17.77 9.0 A 70519BLF 27.50 10.30 70524BLF 26.10 9.0 B 70520BLF 41.67 10.70 70525BLF 39.82 9.0 C 70521BLF 58.13 10.70 70526BLF 56.28 9.0 D 70522BLF 55.49 13.40 70527BLF 53.89 11.85 * Sealed caps IP 65 |