Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCU3 Datasheet(PDF) 30 Page - STMicroelectronics

No. de pieza STM32U073CCU3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCU3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32U073CCU3 Datasheet HTML 26Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 27Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 28Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 29Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 30Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 31Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 32Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 33Page - STMicroelectronics STM32U073CCU3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 146 page
background image
Figure 9. LQFP80 pinout
LQFP80
54
52
51
50
49
48
47
46
45
44
43
42
41
53
9
10
11
12
13
14
15
16
17
55
56
57
2
1
3
4
5
6
7
8
20
18
19
60
59
58
VDDUSB
PB14
PA12 [PA10]
PA10
PA9
PC9
PC7
PD13
VSS
PA13
PA11 [PA9]
PA8
PC8
PC6
PD12
PD11
PD10
PD9
PD8
PB15
VSS
PA3
PC13
PC15-OSC32_OUT
PF0-OSC_IN
PF2-NRST
PC1
PC3
VDD
VBAT
PC14-OSC32_IN
PF1-OSC_OUT
PC0
PC2
VSSA/VREF-
VREF+
VDDA
PA0
PA1
PA2
1. The above figure shows the package top view.
Figure 10. UFBGA81 ballout
PB8
PF3-BOOT0
PB4
PB5
PD4
PD0
PC12
PC10
1
2
3
4
5
6
7
8
A
B
C
D
E
F
G
H
VBAT
PB9
PB7
PB6
PD6
PD1
PC11
PA14
PC15-
OSC32_OUT
PC14-
OSC32_IN
PE3
PB3
PD5
PA12 [PA10]
PF1-
OSC_OUT
PF0-OSC_IN
VDD
PC0
PF2-NRST
PC13
PC1
PC2
PC3
VSSA/VREF-
VREF+
PA2
PA5
VDD
PA0
PB1
PE7
PA7
PC5
PB11
VDD
PB15
PA8
PA9
PE9
PE8
PD2
VDDUSB
PB13
PD9
PD11
PC6
PA10
PA15
9
PA13
PA11 [PA9]
PD8
PD10
PD12
PD13
PC9
J
VDDA
PA3
PA4
PC4
PA6
PB10
PB2
PB12
PB14
VSS
PD3
VSS
PA1
PC8
PC7
VSS
PB0
VSS
1. The above figure shows the package top view.
STM32U073x8/B/C
Pinouts/ballouts, pin description, and alternate functions
DS14548 - Rev 2
page 30/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com