Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073M8Y3 Datasheet(PDF) 40 Page - STMicroelectronics

No. de pieza STM32U073M8Y3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073M8Y3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32U073M8Y3 Datasheet HTML 36Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 37Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 38Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 39Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 40Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 41Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 42Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 43Page - STMicroelectronics STM32U073M8Y3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 146 page
background image
5
Memory mapping
Refer to the product line reference manual (RM0503) for details on the memory mapping as well as the boundary
addresses for all peripherals.
STM32U073x8/B/C
Memory mapping
DS14548 - Rev 2
page 40/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More