| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073CCT6 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073CCT6 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 146 page ![]() USART modes/ features USART1 USART2 USART3 USART4 Hardware flow control for modem X X Continuous communication using DMA X X Multiprocessor communication X X Synchronous SPI mode (master/slave) X X Smartcard mode X - Single-wire half-duplex communication X X IrDA SIR ENDEC block X - LIN mode X - Dual clock domain and wake-up from Stop mode X - Receiver timeout interrupt X - Modbus communication X - Auto baud rate detection X - Driver enable X X 3.28 Low-power universal asynchronous receiver transmitter (LPUART) The devices embed three LPUARTs. The peripherals support asynchronous serial communication with minimum power consumption, as well as half-duplex single wire communication and modem operations (CTS/RTS). They allow multiprocessor communication. The LPUARTs have a clock domain independent of the CPU clock, and can wake up the system from Stop mode using baud rates up to 220 Kbaud. The Stop mode wake-up events are programmable and can be: • Start bit detection • Any received data frame • A specific programmed data frame Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600 baud. Therefore, even in Stop mode, the LPUARTs can wait for an incoming frame while having an extremely low energy consumption. To reach higher baud rates, a higher speed clock can be used. The LPUART interface can be served by the DMA controller. 3.29 Serial peripheral interface (SPI) The devices contain three SPIs running at up to 32 Mbits/s in master and slave modes. It supports half-duplex, full-duplex and simplex communications. A 3-bit prescaler gives eight master mode frequencies. The frame size is configurable from 4 bits to 16 bits. The SPI peripherals support NSS pulse mode, TI mode and hardware CRC calculation. The SPI peripherals can be served by the DMA controller. Table 10. SPI implementation X: supported SPI modes/ features SPI1 SPI2 SPI3 Hardware CRC calculation X X X Rx/Tx FIFO X X X NSS pulse mode X X X I2S mode - - - TI mode X X X STM32U073x8/B/C Functional overview DS14548 - Rev 2 page 25/146 |