| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073RCT6 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073RCT6 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 146 page ![]() The I2C-bus interface handles communication between the microcontroller and the serial I2C-bus. It controls all I2C-bus-specific sequencing, protocol, arbitration and timing. Features of the I2C peripheral: • I2C-bus specification and user manual rev. 5 compatibility: – Slave and master modes, multimaster capability – Standard-mode (Sm), with a bitrate up to 100 kbit/s – Fast-mode (Fm), with a bitrate up to 400 kbit/s – Fast-mode Plus (Fm+), with a bitrate up to 1 Mbit/s and extra output drive I/Os – 7-bit and 10-bit addressing mode, multiple 7-bit slave addresses – Programmable setup and hold times – Clock stretching • Independent clock: a choice of independent clock sources allowing the I2C communication speed to be independent of the PCLK reprogramming • Wake-up from Stop mode on address match • Programmable analog and digital noise filters • 1-byte buffer with DMA capability Table 8. I2C implementation I2C features I2C1 I2C2 I2C3 I2C4 Standard mode (up to 100 kbit/s) X X X X Fast mode (up to 400 kbit/s) X X X X Fast mode Plus (up to 1 Mbit/s) with extra output drive I/Os X X X X Programmable analog and digital noise filters X X X X SMBus/PMBus hardware support - - - - Independent clock X - X - Wakeup from Stop mode on address match X - X - 3.27 Universal synchronous/asynchronous receiver transmitter (USART/UART) The devices embed universal synchronous/asynchronous receivers/transmitters that communicate at speeds of up to 8 Mbit/s. They provide hardware management of the CTS, RTS and RS485 DE signals, multiprocessor communication mode, synchronous SPI master/slave communication and single-wire half-duplex communication mode. Some can also support smartcard communication (ISO 7816), IrDA SIR ENDEC, LIN master/slave capability and auto baud rate feature, and have a clock domain independent of the CPU clock, which allows them to wake up the MCU from Stop mode. The wake-up events from Stop mode are programmable and can be: • Start bit detection • Any received data frame • A specific programmed data frame All USART interfaces can be served by the DMA controller. Table 9. USART implementation X: supported STM32U073x8/B/C Functional overview DS14548 - Rev 2 page 24/146 |