| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073RBU6 Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073RBU6 Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 146 page ![]() Table 30. Current consumption in Run and Low-power run modes, code with data processing running from SRAM1, bypass mode, HSE clock used as system clock TBD stands for "to be defined". Symbol Parameter Conditions Typ Max(1) Unit Clock source Range fHCLK 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C IDD (Run) Supply current in Run mode fHCLK = fHSE, bypass mode , peripherals disabled Range 1 48 MHz 3.45 3.45 3.50 3.60 3.80 3.8 3.85 3.95 4.1 4.5 mA 32 MHz 2.35 2.35 2.40 2.50 2.65 2.6 2.6 2.7 2.9 3.25 24 MHz 1.80 1.80 1.85 1.95 2.10 1.95 2 2.1 2.25 2.65 16 MHz 1.25 1.25 1.30 1.40 1.55 1.35 1.4 1.5 1.65 2 Range 2 16 MHz 1.05 1.05 1.10 1.15 1.30 1.15 1.2 1.25 1.4 1.7 8 MHz 0.580 0.595 0.630 0.700 0.845 0.64 0.665 0.745 0.88 1.2 4 MHz 0.345 0.355 0.395 0.460 0.610 0.38 0.4 0.48 0.615 0.925 2 MHz 0.225 0.235 0.275 0.340 0.485 0.25 0.27 0.35 0.485 0.79 1 MHz 0.165 0.180 0.215 0.290 0.425 0.185 0.205 0.28 0.42 0.725 400 kHz 0.130 0.140 0.180 0.245 0.390 0.145 0.165 0.24 0.38 0.685 100 kHz 0.115 0.125 0.160 0.225 0.375 0.125 0.145 0.225 0.36 0.665 IDD (LPRun) Supply current in Low-power run mode Low-power run 2 MHz 0.070 0.080 0.120 0.190 0.350 TBD TBD TBD TBD TBD 1 MHz 0.040 0.050 0.090 0.160 0.315 TBD TBD TBD TBD TBD 400 kHz 0.020 0.030 0.070 0.145 0.295 TBD TBD TBD TBD TBD 100 kHz 0.010 0.020 0.060 0.135 0.290 TBD TBD TBD TBD TBD 1. Evaluated by characterization, unless otherwise specified. |