| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073CBI6 Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073CBI6 Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 146 page ![]() 3.30 Universal serial bus device (USB) The devices embed a USB controller with full-speed USB device compliant with the USB specification version 2.0. The internal USB PHY supports USB FS signaling, embedded DP pull-up, and also battery charging detection according to Battery Charging Specification Revision 1.2. The USB interface implements a full-speed (12 Mbit/s) function interface with added support for USB 2.0 Link Power Management. It has software-configurable endpoint setting with packet memory up to 1 Kbyte and suspend/resume support. It requires a precise 48 MHz clock that is generated from the internal main PLL (the clock source must use an HSE crystal oscillator) or by the internal 48 MHz oscillator in automatic trimming mode. The synchronization for this oscillator can be taken from the USB data stream itself (SOF signalization) which enables crystal less operation. 3.31 Debug support 3.31.1 Serial wire debug port (SW-DP) An Arm® SW-DP interface is provided to allow a serial wire debugging tool to be connected to the MCU. STM32U073x8/B/C Functional overview DS14548 - Rev 2 page 26/146 |