Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073H8Y6 Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza STM32U073H8Y6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073H8Y6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32U073H8Y6 Datasheet HTML 20Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 21Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 22Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 23Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 24Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 25Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 26Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 27Page - STMicroelectronics STM32U073H8Y6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 146 page
background image
The I2C-bus interface handles communication between the microcontroller and the serial I2C-bus. It controls all
I2C-bus-specific sequencing, protocol, arbitration and timing.
Features of the I2C peripheral:
•
I2C-bus specification and user manual rev. 5 compatibility:
–
Slave and master modes, multimaster capability
–
Standard-mode (Sm), with a bitrate up to 100 kbit/s
–
Fast-mode (Fm), with a bitrate up to 400 kbit/s
–
Fast-mode Plus (Fm+), with a bitrate up to 1 Mbit/s and extra output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
Programmable setup and hold times
–
Clock stretching
•
Independent clock: a choice of independent clock sources allowing the I2C communication speed to be
independent of the PCLK reprogramming
•
Wake-up from Stop mode on address match
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
Table 8. I2C implementation
I2C features
I2C1
I2C2
I2C3
I2C4
Standard mode (up to
100 kbit/s)
X
X
X
X
Fast mode (up to
400 kbit/s)
X
X
X
X
Fast mode Plus (up to
1 Mbit/s) with extra
output drive I/Os
X
X
X
X
Programmable analog
and digital noise filters
X
X
X
X
SMBus/PMBus
hardware support
-
-
-
-
Independent clock
X
-
X
-
Wakeup from Stop
mode on address
match
X
-
X
-
3.27
Universal synchronous/asynchronous receiver transmitter (USART/UART)
The devices embed universal synchronous/asynchronous receivers/transmitters that communicate at speeds of
up to 8 Mbit/s.
They provide hardware management of the CTS, RTS and RS485 DE signals, multiprocessor communication
mode, synchronous SPI master/slave communication and single-wire half-duplex communication mode. Some
can also support smartcard communication (ISO 7816), IrDA SIR ENDEC, LIN master/slave capability and auto
baud rate feature, and have a clock domain independent of the CPU clock, which allows them to wake up the
MCU from Stop mode. The wake-up events from Stop mode are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
All USART interfaces can be served by the DMA controller.
Table 9. USART implementation
X: supported
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 24/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com