Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073K8T3TR Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza STM32U073K8T3TR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073K8T3TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32U073K8T3TR Datasheet HTML 14Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 15Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 16Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 17Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 18Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 19Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 20Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 21Page - STMicroelectronics STM32U073K8T3TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 146 page
background image
If a higher-priority interrupt event happens while a lower-priority interrupt event occurring just before is waiting for
being served, the later-arriving higher-priority interrupt event is served first. Another optimization is called tail-
chaining. Upon a return from a higher-priority ISR then start of a pending lower-priority ISR, the unnecessary
processor context unstacking and stacking is skipped. This reduces latency and contributes to power efficiency.
Features of the NVIC:
•
Low-latency interrupt processing
•
Four priority levels
•
Handling of a non-maskable interrupt (NMI)
•
Handling of 32 maskable interrupt lines
•
Handling of 10 Cortex-M0+ exceptions
•
Later-arriving higher-priority interrupt processed first
•
Tail-chaining
•
Interrupt vector retrieval by hardware
3.14.2
Extended interrupt/event controller (EXTI)
The extended interrupt/event controller adds flexibility in handling physical line events and allows identifying
wake-up events at processor wake-up from Stop mode.
The EXTI controller has a number of channels, of which some with rising, falling or rising, and falling edge
detector capability. Any GPIO and a few peripheral signals can be connected to these channels.
The channels can be independently masked.
The EXTI controller can capture pulses shorter than the internal clock period.
A register in the EXTI controller latches every event even in Stop mode, which enables the software to identify the
origin of the processor wake-up from Stop mode or, to identify the GPIO and the edge event having caused an
interrupt.
3.15
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a configurable generator
polynomial value and size.
Among other applications, CRC-based techniques are used to verify data transmission or storage integrity. In the
scope of the EN/IEC 60335-1 standard, they offer a means of verifying the flash memory integrity. The CRC
calculation unit helps compute a signature of the software during runtime, to be compared with a reference
signature generated at link time and stored at a given memory location.
3.16
Analog-to-digital converter (ADC)
A native 12-bit analog-to-digital converter is embedded into STM32U073x8/B/C devices. It can be extended to 16-
bit resolution through hardware oversampling. The ADC has up to 16 external channels and 3 internal channels
(temperature sensor, voltage reference, VBAT monitoring). It performs conversions in single-shot or scan mode. In
scan mode, automatic conversion is performed on a selected group of analog inputs.
The ADC frequency is independent from the CPU frequency, allowing maximum sampling rate of ~2 Msps even
with a low CPU speed. An auto-shutdown function guarantees that the ADC is powered off except during the
active conversion phase.
The ADC can be served by the DMA controller. It can operate in the whole VDD supply range.
The ADC features a hardware oversampler up to 256 samples, improving the resolution to 16 bits (refer to
AN2668).
An analog watchdog feature allows very precise monitoring of the converted voltage of one, some or all scanned
channels. An interrupt is generated when the converted voltage is outside the programmed thresholds.
The events generated by the general-purpose timers (TIMx) can be internally connected to the ADC start triggers,
to allow the application to synchronize A/D conversions with timers.
3.16.1
Temperature sensor
The temperature sensor (TS) generates a voltage VTS that varies linearly with temperature.
The temperature sensor is internally connected to an ADC input to convert the sensor output voltage into a digital
value.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 18/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com