| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073M8T3TR Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073M8T3TR Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 146 page ![]() General-purpose inputs/outputs • Up to 69 fast I/Os, most of them 5 V ‑tolerant 20 communication interfaces • USB 2.0 full-speed crystal-less solution with LPM and BCD • 7x USARTs/LPUARTs (SPI, ISO 7816, LIN, IrDA, modem) • 4x I2C interfaces supporting Fast-mode and Fast-mode Plus (up to 1 Mbit/s) • 3x SPIs, plus 4x USARTs in SPI mode • IRTIM (Infrared interface) Security • Customer code protection • Robust read out protection (RDP): 3 protection level states and password-based regression (128-bit PSWD) • Hardware protection feature (HDP) • Secure boot • True random number generation, candidate for NIST SP 800-90B certification • Candidate for Arm® PSA level 1 and SESIP level 3 certifications • 5 passive anti-tamper pins • 96-bit unique ID Clock management • 4 to 48 MHz crystal oscillator • 32 kHz crystal oscillator for RTC (LSE) • Internal 16 MHz factory-trimmed RC (±1%) • Internal low-power 32 kHz RC (±5%) • Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy) • Internal 48 MHz with clock recovery • PLL for system clock, USB, ADC 10 timers, RTC, and 2 watchdogs • 1x 16-bit advanced motor-control, 1x 32-bit and 3x 16-bit general purpose, 2x 16-bit basic, 3x low-power 16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer • RTC with hardware calendar, alarms and calibration CRC calculation unit Up to 21 capacitive sensing channels • Supporting touchkey, linear and rotary touch sensors 12-channel DMA controller • Flexible mapping (DMAMUX) Debug • Development support: serial wire debug (SWD) All packages are ECOPACK2 compliant. STM32U073x8/B/C DS14548 - Rev 2 page 2/146 |