| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073KCT3TR Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073KCT3TR Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 146 page ![]() Table 26. Current consumption in Run and Low-power run modes, code with data processing running from flash memory, bypass mode, ART enabled (cache ON, prefetch OFF), HSE clock used as system clock Symbol Parameter Conditions Typ Max(1) Unit Clock source Range fHCLK 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C IDD (Run) Supply current in Run mode fHCLK = fHSE, bypass mode, peripherals disabled Range 1 48 MHz 3.75 3.75 3.85 3.95 4.10 4.1 4.15 4.3 4.5 4.9 mA 32 MHz 2.55 2.55 2.60 2.70 2.90 2.8 2.85 2.95 3.15 3.5 24 MHz 1.95 1.95 2.05 2.10 2.30 2.15 2.2 2.3 2.5 2.85 16 MHz 1.35 1.35 1.40 1.50 1.65 1.45 1.5 1.65 1.8 2.15 Range 2 16 MHz 1.10 1.15 1.20 1.25 1.40 1.25 1.25 1.35 1.5 1.85 8 MHz 0.620 0.630 0.675 0.745 0.895 0.68 0.705 0.795 0.94 1.255 4 MHz 0.365 0.375 0.415 0.480 0.630 0.4 0.425 0.505 0.645 0.955 2 MHz 0.235 0.245 0.285 0.350 0.500 0.26 0.28 0.36 0.5 0.805 1 MHz 0.170 0.185 0.220 0.285 0.435 0.19 0.21 0.285 0.425 0.73 400 kHz 0.135 0.145 0.180 0.245 0.395 0.145 0.17 0.245 0.38 0.685 100 kHz 0.115 0.125 0.160 0.225 0.375 0.125 0.145 0.22 0.36 0.665 IDD (LPRun) Supply current in Low-power run mode Low-power run 2 MHz 0.165 0.175 0.215 0.285 0.440 - - - - - 1 MHz 0.090 0.100 0.140 0.210 0.365 - - - - - 400 kHz 0.045 0.055 0.095 0.165 0.320 - - - - - 100 kHz 0.020 0.030 0.070 0.140 0.300 - - - - - 1. Evaluated by characterization, unless otherwise specified. |