| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073CCT3TR Datasheet(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073CCT3TR Datasheet(HTML) 46 Page - STMicroelectronics |
|
46 / 146 page ![]() Symbol Parameter Conditions(1) Min Typ Max Unit VBOR2 Brownout reset threshold 2 Rising edge 2.26 2.31 2.35 V Falling edge 2.16 2.20 2.24 VBOR3 Brownout reset threshold 3 Rising edge 2.56 2.61 2.66 V Falling edge 2.47 2.52 2.57 VBOR4 Brownout reset threshold 4 Rising edge 2.85 2.90 2.95 V Falling edge 2.76 2.81 2.86 VPVD0 Programmable voltage detector threshold 0 Rising edge 2.1 2.15 2.19 V Falling edge 2 2.05 2.1 VPVD1 PVD threshold 1 Rising edge 2.26 2.31 2.36 V Falling edge 2.15 2.20 2.25 VPVD2 PVD threshold 2 Rising edge 2.41 2.46 2.51 V Falling edge 2.31 2.36 2.41 VPVD3 PVD threshold 3 Rising edge 2.56 2.61 2.66 V Falling edge 2.47 2.52 2.57 VPVD4 PVD threshold 4 Rising edge 2.69 2.74 2.79 V Falling edge 2.59 2.64 2.69 VPVD5 PVD threshold 5 Rising edge 2.85 2.91 2.96 V Falling edge 2.75 2.81 2.86 VPVD6 PVD threshold 6 Rising edge 2.92 2.98 3.04 V Falling edge 2.84 2.90 2.96 Vhyst_BORH0 Hysteresis voltage of BORH0 Hysteresis in continuous mode - 20 - mV Hysteresis in other mode - 30 - Vhyst_BOR_PVD Hysteresis voltage of BORH (except BORH0) and PVD - - 100 - mV IDD (BOR_PVD)(2) BOR (except BOR0) and PVD consumption from VDD(3) - - 1.1 1.6 µA BOR(3) (except BOR0) and PVD average consumption from VDD with ENULP = 1 - - 55 1000 nA VPVM1 VDDUSB peripheral voltage monitoring - 1.18 1.22 1.26 V VPVM3 VDDA peripheral voltage monitoring Rising edge 1.61 1.65 1.69 V Falling edge 1.6 1.64 1.68 VPVM4 VDDA peripheral voltage monitoring Rising edge 1.78 1.82 1.86 V Falling edge 1.77 1.81 1.85 Vhyst_PVM3 PVM3 hysteresis - - 10 - mV Vhyst_PVM4 PVM4 hysteresis - - 10 - mV IDD (PVM1)(2) PVM1 consumption from VDD - - 0.2 - µA IDD (PVM3/PVM4)(2) PVM3 and PVM4 consumption from VDD - - 2 - µA 1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes. 2. Specified by design, not tested in production. 3. BOR0 is enabled in all modes (except shutdown) and its consumption is therefore included in the supply current characteristics tables. STM32U073x8/B/C Electrical characteristics DS14548 - Rev 2 page 46/146 |