| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U073MBU3TR Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U073MBU3TR Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 146 page ![]() 1 Introduction This document provides information on STM32U073x8/B/C devices, such as description, functional overview, pin assignment and definition, electrical characteristics, packaging and ordering information. It must be read in conjunction with the STM32U073x8/B/C reference manual (RM0503). For information on the device errata with respect to the datasheet and reference manual, refer to the STM32U073x8/B/C errata sheet (ES0602). For information on the Arm® Cortex®-M0+ core, refer to the Cortex-M0+ Technical Reference Manual, available from the www.arm.com website. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. STM32U073x8/B/C Introduction DS14548 - Rev 2 page 3/146 |