Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CCT6TR Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza STM32U073CCT6TR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CCT6TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32U073CCT6TR Datasheet HTML 23Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 24Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 25Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 26Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 27Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 28Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 29Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 30Page - STMicroelectronics STM32U073CCT6TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 146 page
background image
4
Pinouts/ballouts, pin description, and alternate functions
4.1
Pinout/ballout schematics
Figure 3. UFQFPN32 pinout
UFQFPN32
24
23
22
21
20
19
18
17
PA14
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PA9
PA8
VDDUSB
1
2
3
4
5
6
7
8
VDD
PC14-OSC32_IN
PC15-OSC32_OUT
PF2-NRST
VDDA/VREF+
PA0-CK_IN
PA1
PA2
1. The above figure shows the package top view.
Figure 4. WLCSP42 ballout
NC
VSS
NC
PA15
NC
PB5
NC
1
2
3
4
5
6
7
A
B
C
D
E
F
G
VDDUSB
NC
PA13
NC
PB3
NC
PB6
NC
PA12
NC
PA9
NC
PA11
NC
PA8
NC
PA10
NC
VSS
NC
NC
VDD
NC
PB1
NC
PB0
NC
PA14
PB10
NC
PA5
NC
NC
PA7
NC
PC13
PB2
NC
PA3
NC
PB4
NC
PB7
NC
PB8
NC
8
9
10
11
NC
VBAT
NC
VDD
PF3
NC
NC
PA0
NC
PF1
PA6
NC
PA1
NC
NC
VDDA/VREF+
NC
PF0
PA4
NC
VSSA/VREF-
NC
PC15
NC
VSS
12
NC
PA2
NC
PF2
NC
PC14
1. The above figure shows the package top view.
STM32U073x8/B/C
Pinouts/ballouts, pin description, and alternate functions
DS14548 - Rev 2
page 27/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com