Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST60A2 Datasheet(PDF) 22 Page - STMicroelectronics

No. de pieza ST60A2
Descripción Electrónicos  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST60A2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST60A2 Datasheet HTML 18Page - STMicroelectronics ST60A2 Datasheet HTML 19Page - STMicroelectronics ST60A2 Datasheet HTML 20Page - STMicroelectronics ST60A2 Datasheet HTML 21Page - STMicroelectronics ST60A2 Datasheet HTML 22Page - STMicroelectronics ST60A2 Datasheet HTML 23Page - STMicroelectronics ST60A2 Datasheet HTML 24Page - STMicroelectronics ST60A2 Datasheet HTML 25Page - STMicroelectronics ST60A2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
SMARTPHONE CAMERA SUBSYSTEM BLOCK DIAGRAM
Ambient light sensors (ALS) can be used with front and rear cameras to help to evaluate the light source, optimize the white
balance, and compensate for light source flicker.
STMicroelectronics offers a family of high-accuracy and target-reflectance-independent Time-of-Flight (ToF) ranging sensors
as well as a new high-resolution 3D Time-of-Flight camera. ST pioneered highvolume production of fully integrated miniature
direct ToF products. The products feature a vertical cavity surface emission laser (VCSEL) logic implementing a ranging
algorithm, an array of single photon avalanche diode (SPAD) detectors, and an ultralow power ranging architecture that is
perfectly suited to the assisting camera focus algorithm.
In addition to laser autofocus assist, FlightSense sensors can address other use cases, including touch-to-focus and scene
understanding enhancement.
The introduction of the high-resolution indirect ToF sensors enable exciting new use cases, including support for photographic
Bokeh effect as well as high-performance face identification to enable secure phone unlock and support secure payments.
Back cameras domain
Lens
actuators
EEPROM
Camera #n
Protection
MCU
A+G
Lens
actuators
EEPROM
Camera #1
Protection
VCSEL +
LDD
EEPROM
iToF sensor
ToF
LDO
ALS
Vbat
Protection
Application
processor
Front cameras domain
EEPROM
Camera
Protection
VCSEL +
LDD
EEPROM
iToF sensor
Proximity
LDO
Protection
Vbat
Face authentication
EEPROM
GS camera
Protection
VCSEL +
LDD
EEPROM
iToF sensor
Proximity
LDO
Protection
Vbat
ALS AND TOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32