| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM6520 Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6520 Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() The connectivity domain includes all the connectivity options offered in smartphones. The mobile market predominately uses integrated system-on-chip (SoC) solutions combining at least Wi-Fi, Bluetooth®, and GPS. ST is more focused on the other connectivity options that can deliver competitive advantages to mobile makers, such as NFC. ST can offer a wide range of products enabling NFC data exchange or advanced mobile payment solutions, based on embedded secure elements. ST provides a full range of NFC and eSE / eSIM products and solutions to address secure mobile transaction applications from the state-of-the art ST21NFC NFC controller to the ST54 integrating the widely deployed ST33 secure element. ST54 now allows a new level of integration by merging NFC, eSE, and eSIM in the single-die ST54J solution in a compact WLCSP package. Another connectivity solution offered by ST is the ST60 RF transceiver for the 60 GHz band. It provides a very power-efficient wireless link with a high data rate, eliminating the need for physical cables and connectors for short range (a few centimeters) point-to-point communications. SMARTPHONE RF SUBSYSTEM BLOCK DIAGRAM NFC/eSE ST60 WLAN/BT/GPS Connectivity domain Protection Vbat PMIC 13 Connectivity Subsystem |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |