| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM6600 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6600 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 32 page ![]() 15 The increasing need for trusted payment transactions has been driving the banking card market towards EMV chipand-pin solutions. The STPay family offers a comprehensive range of Java OS-based banking solutions, covering awide range of payment applications. An end-to-end solution for smartphone OEMs, STPay-Mobile simplifies the deployment of digital wallets around the world. Based on the ST54 single-chip solution, the all-in-one STPay-Mobile platform enables more convenient and more secure services. It allows end consumers to use their smartphones as a card to pay, travel, unlock their car, and access restricted areas. STPay-Mobile brings the most advanced value proposition to smartphone OEMs and public transit agencies (PTAs) and is compatible with over 50 PTAs worldwide. The solution is based on NFC technology powered by Snowball Technology, the market leader in mobile ticketing platforms. It offers a one-stop-shop solution for fast and stable mobile transactions. STPay- Mobile eliminates the need for updates on PTA readers and back-end sites, and streamlines service delivery. It allows OEMs to deploy mobile wallets across several platforms and devices, while ensuring long-term viability STPay-Mobile provides OEMs with easy access to many token service provider (TSP) schemes, such as MasterCard and Visa. This plug & play solution brings users an enhanced online, in-app, and in-store payment experience. STPAY-MOBILE Flexible solution for platform development • On-premise (server-to-server connection) • SaaS (in-cloud hosting data center) (*) Transit applets are: Calypso, CIPURSE™, MIFARE®, MOT, MOC OEM Wallet SDK PTA OEM App SDK Android SW stack NFC/eSE Transit Applet* ST54 OMAPI NCI NFC Ant Public Transit Agency Server OEM server On-Board platform Payment center SP-TSM Notification service SDK/Plug-in gateway Perso Data Preparation Operation Management Multi-transit scheme STPay-Mobile An ST cloud-based solution powered by MOT (China) MOC (China) STPay-Mobile An ST cloud-based solution SP-TSM Notification service SDK/Plug-in gateway Perso Data Preparation Operation Management Multi Payment scheme Token Service Provider (TSPs) MDESS VTS Bank issuers POS terminal Payment networks Authorization Detokenization / Tokenization OEM Wallet SDK Bank OEM App SDK Android SW stack OMAPI NCI NFC Ant NFC/eSE ST54 Payment applets OEM server |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |