Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP37 Datasheet(PDF) 4 Page - Juniper Networks, Inc.

No. de pieza AP37
Descripción Electrónicos  AP37 AND AP36 ACCESS POINT DATASHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUNIPER [Juniper Networks, Inc.]
Página de inicio  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP37 Datasheet(HTML) 4 Page - Juniper Networks, Inc.

  AP37 Datasheet HTML 1Page - Juniper Networks, Inc. AP37 Datasheet HTML 2Page - Juniper Networks, Inc. AP37 Datasheet HTML 3Page - Juniper Networks, Inc. AP37 Datasheet HTML 4Page - Juniper Networks, Inc. AP37 Datasheet HTML 5Page - Juniper Networks, Inc. AP37 Datasheet HTML 6Page - Juniper Networks, Inc. AP37 Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
algorithm uses hysteresis on a 24
‑hour window to conduct a
sitewide rebalancing for optimal channel and power assignment.
In some regulatory domains, there are special rules to govern the
usage of 6 GHz when the AP has either removable External
Antennas or is weatherized.
6 GHz Device Classification
AP36/AP37-US/-WW:
• Low Power Indoor and Standard Power
AP36M-US:
• Low Power Indoor and Standard Power with built-in
directional antenna
• Standard Power only with External Antennas
AP36M-WW:
• Low Power Indoor and Standard Power with built-in
directional antenna
• Low Power Indoor and Standard Power with External
Antennas in most regulatory domains
• Standard Power only with External Antennas in some
regulatory domains (Canada)
Proactive insight and action
A dedicated, tri
‑band fourth radio collects data for Juniper Mist,
which uses machine learning to analyze user experiences, correlate
problems, and automatically detect their root causes. These metrics
are used to monitor SLEs and provide proactive recommendations
to ensure problems don’t occur (or are fixed as quickly as possible
when they do).
Improved IoT battery efficiency
By incorporating the 802.11ax target wake time (TWT) capability
and Bluetooth 6.0, AP37 and AP36 Series APs help extend the
battery life of IoT devices, particularly as additional ones join the
network.
Dynamic debugging
Constantly monitor services running on the AP37 and AP36,
sending alerts whenever a service behaves abnormally. Dynamic
debugging relieves IT of having to worry about an AP going offline
or any services running on it becoming unavailable.
Dynamic packet capture and dynamic spectrum capture
The Juniper Mist platform automatically captures packets and radio
frequency spectrum and streams them to the cloud when major
issues are detected. AI
‑native dynamic packet capture and dynamic
spectrum capture enable “network rewind” to identify and resolve
wireless interference issues more efficiently. Both features save IT
teams time and effort. They use sniffers to reproduce and capture
data for troubleshooting, which eliminates the need for truck rolls.
Marvis AI Assistant
Marvis AI Assistant is a natural language processing-based assistant
with a conversational interface that helps with the understanding of
user intent and goals, simplifies troubleshooting, and collects
network insights. Marvis AI Assistant uses AI and data science to
proactively identify issues, determine the root causes and scope of
impact, and gain insights into your network and user experiences.
Marvis AI Assistant eliminates the need to manually hunt through
endless dashboards and CLI commands.
Effortless, cloud-based setup and updates
The AP37 and AP36 automatically connect to the Juniper Mist
cloud, download its configuration, and join the appropriate network.
Firmware updates are retrieved and installed automatically,
ensuring that the network is always up to date with new features,
bug fixes, and security updates.
AP37 and AP36 Access Point Datasheet
4



Html Pages

1 2 3 4 5 6 7