Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP47 Datasheet(PDF) 5 Page - Juniper Networks, Inc.

No. de pieza AP47
Descripción Electrónicos  AP47 ACCESS POINT DATASHEET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUNIPER [Juniper Networks, Inc.]
Página de inicio  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP47 Datasheet(HTML) 5 Page - Juniper Networks, Inc.

  AP47 Datasheet HTML 1Page - Juniper Networks, Inc. AP47 Datasheet HTML 2Page - Juniper Networks, Inc. AP47 Datasheet HTML 3Page - Juniper Networks, Inc. AP47 Datasheet HTML 4Page - Juniper Networks, Inc. AP47 Datasheet HTML 5Page - Juniper Networks, Inc. AP47 Datasheet HTML 6Page - Juniper Networks, Inc. AP47 Datasheet HTML 7Page - Juniper Networks, Inc. AP47 Datasheet HTML 8Page - Juniper Networks, Inc. AP47 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Patented vBLE Technology
In addition to the industry
‑leading Wi‑Fi technology at the heart of
the AP47 access point, our next
‑generation, patented, and dynamic
vBLE antenna array combines with machine learning to eliminate
the need for battery
‑powered beacons. This maximizes scalability
and optimizes your deployment investment in location
‑based
services.
vBLE enables businesses to provide rich location
‑based experiences
that are engaging, accurate, real
‑time, and scalable.
Juniper Mist Edge
Juniper APs offer a flexible data plane. Juniper Mist Edge is an
on
‑premises appliance that runs a tunnel termination service. Traffic
can be broken out locally or tunneled to Juniper Mist Edge.
Juniper Mist Edge use cases include seamless mobility in large
campus environments, tunneling of guest traffic to a DMZ, IoT
segmentation, and teleworker services.
Top view of AP47, AP47E, and AP47D
Bottom view of AP47 and AP47D
Bottom view of AP47E
Specifications
Wi-Fi Standard
Wi-Fi 7 802.11be
Backwards compatibility with 802.11a/b/g/n/ac/ax
Wi-Fi Radios
2.4/5/6 GHz 802.11a/b/g/n/ac/ax/be radio
5 GHz 802.11a/n/ac/axbe radio
6 GHz 802.11ax/be
Combined Highest
Supported Data
Rates
Tri-Band: 28.8 Gbps - Dual 6 GHz + 5 GHz
2.4 GHz
4x4:4 802.11be up to 1,376 Mbps data rate
5 GHz
4x4:4 802.11be up to 5764 Mbps data rate
6 GHz
4x4:4 802.11be up to 11528 Mbps data rate
AP47 Access Point Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com