Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

640468 Datasheet(PDF) 61 Page - TE Connectivity Ltd

No. de pieza 640468
Descripción Electrónicos  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 61 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd 640468 Datasheet HTML 60Page - TE Connectivity Ltd 640468 Datasheet HTML 61Page - TE Connectivity Ltd 640468 Datasheet HTML 62Page - TE Connectivity Ltd 640468 Datasheet HTML 63Page - TE Connectivity Ltd 640468 Datasheet HTML 64Page - TE Connectivity Ltd 640468 Datasheet HTML 65Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
61
Housings
Material (RoHS Compliant)
UL94V-2 rated, nylon, white
.078
[1.98]
.105
[2.67]
PC Board
Posts
.156
[3.96]
12
34
78
9
10
[4.14
.163
+ .005
– .000
+ 0.13
– 0.00
.052
[1.32
]
± .002
± 0.05
B
.105
[2.67]
Latch Cutout
.015
[0.38]
4 Plc.
Max.
R.
A
.078
[1.98] Typ.
.156
[3.96] Typ.
.063
[1.60
]
± .003
± 0.08
.063
[1.60
]
± .003
± 0.08
.050
[1.27
]
± .007
± 0.18
.075
[1.91]
.250
[6.35]
.125
[3.18]
.660
[16.76]
No. of
Dimensions
Latch Location
Part
Pos.
AB
Centered Between Pos.
Number
2
.312
1 and 2
1-770894-21
7.92
—
3
.468
1 and 2
1-770894-31
11.89
—
4
.624
2 and 3
1-770894-41
15.85
—
5
.780
2 and 3
1-770894-51
19.81
—
6
.936
3 and 4
1-770894-61
23.77
—
7
1.092
3 and 4
1-770894-71
27.74
—
8
1.248
4 and 5
1-770894-81
31.70
—
9
1.404
1.092
1 and 2 & 8 and 9
1-770894-91
35.66
27.74
10
1.560
1.248
1 and 2 & 9 and 10
1-770894-01
39.62
31.70
Note: Not for use with LID Contacts. Shown on page 62.
Recommended PC Board Cutout
for .062 [1.57] Thick PC Board
Mates with .045 square or
round staked posts only.
For contacts, see page 59
.
SL-156 Housings With Through Board Latch
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com