| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
641237 Datasheet(PDF) 73 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Datasheet(HTML) 73 Page - TE Connectivity Ltd |
|
73 / 84 page ![]() Edge Mark .156 [3.96] Typ. Insulation — Gray Flame Retardant Flexible PVC .007 [0.17] Minimum Insulation Thickness Temperature Rating — –20°C to +105°C Flammability — UL: VW1 .010 [0.25] .078 [1.98] Typ. B A C Product Specifications Voltage Rating — 300 Volts UL Recognized — AWM Style 2651 CSA — Available on request No. of Dimensions Part Conductors AB C Number 22 AWG 7/30 Tinned Copper 2 0.156 [3.96] 0.312 [7.92] 0.051 [1.30] 02WGY00008P 5 0.624 [15.85] 0.780 [19.81] 0.051 [1.30] 05WGY00008P 10 1.404 [35.66] 1.560 [39.62] 0.051 [1.30] 10WGY00008P 15 2.184 [55.47] 2.340 [59.44] 0.051 [1.30] 15WGY00008P 20 2.964 [75.29] 3.120 [79.25] 0.051 [1.30] 20WGY00008P 24 3.588 [91.14] 3.744 [95.10] 0.051 [1.30] 24WGY00008P 18 AWG 7/26 Tinned Copper 2 0.156 [3.96] 0.312 [7.92] 0.068 [1.73] 02WJY000001P 5 0.624 [15.85] 0.780 [19.81] 0.068 [1.73] 05WJY000010P 10 1.404 [35.66] 1.560 [39.62] 0.068 [1.73] 10WJY000010P 15 2.184 [55.47] 2.340 [59.44] 0.068 [1.73] 15WJY000010P 20 2.964 [75.29] 3.120 [79.25] 0.068 [1.73] 20WJY000010P 24 3.588 [91.14] 3.744 [95.10] 0.068 [1.73] 24WJY000010P Other Conductor Counts Available on Request. Contact MADISON CABLE (1-877-MADISON), a Division of Tyco Electronics Corporation, for engineering questions or for order placement of this cable. 73 .156 [3.96] Centerline, Flat Ribbon Cable, PVC Insulation MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |