| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PI3USB3031 Datasheet(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI3USB3031 Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 10 page ![]() 2 PI3USB3031 A Product Line of Diodes Incorporated January 2024 © 2024 Copyright Diodes Incorporated. All Rights Reserved. PI3USB3031 Document Number DS45428 Rev 3-2 www.diodes.com 3 4 5 6 12 11 10 9 7 8 2 1 USB1+ USB1- USB2+ USB2- VCC D+ D- GND Pin# Pin Name Type Description 1 SEL0 I Digital Control Input 1 2 SEL1 I Digital Control Input 2 3 USB1+ I/O Differential Signal Path 1 4 USB1- I/O Differential Signal Path 1 5 USB2+ I/O Differential Signal Path 2 6 USB2- I/O Differential Signal Path 2 7 MHL+ I/O Differential Signal Path 3 8 MHL- I/O Differential Signal Path 3 9 GND GND Ground 10 D- I/O Common Differential Signal Path 11 D+ I/O Common Differential Signal Path 12 VCC POWER Power Supply Truth Table SEL1 SEL0 Source Connected To Common Pin Low Low USB1+/- connect to D+/- Low High USB2+/- connect to D+/- High Low MHL+/- connect to D+/- High High USB and MHL switches in High-Z Pin Configuration Pin Description |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |