Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSCM-130 Datasheet(PDF) 1 Page - Comus International

No. de pieza PSCM-130
Descripción Electrónicos  Proximity Switch - Reed Switch based
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMUS [Comus International]
Página de inicio  https://comus-intl.com/
Logo COMUS - Comus International

PSCM-130 Datasheet(HTML) 1 Page - Comus International

  PSCM-130 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: PSCM 130/30 (Alternate Part No: S1504)
Proximity Switch - Reed Switch based
Rectangular - Change Over Contacts - Suggested Magnet: PSRM
PICTURE
APPLICATIONS INCLUDE
OPTIONS
DIMENSIONS
SPECIFICATION
Drawings not to scale.
All dimensions in inches (mm) nominal.
• Heavy Duty, Rugged Enclosure for harsh environments.
• Cable Entry: Standard = Right hand entry (shown above).
Also available Left hand entry.
• Custom cable lengths, strip lengths, cable types, terminations.
• If you do not see what you need, just ask, as there is a strong
possibility we can do it !
• Position and limit sensing
• Linear actuators
• Security system switch
• Door Switch
Contact Form / Style
Change Over
Switching Capacity (Resistive)
5 W/VA
Switching Voltage
100 VAC
Switching Current
0.5 A
Switching Distance
8 mm Min
Continuous Operating Temperature Range
-20°C +85°C
Intermittent Operating Temperature Range
-20°C +105°C
Storage Temperature Range
-25°C +90°C
Case Material
Aluminium
Cable
3 x Round 0.14mm2 PVC Covered and Insulated
Brown / White / Green
Fixing Slots
0.138 x 0.138
(3.5 x 3.5)
1.378 (35.0)
0.197
(5.0)
0.315
(8.0)
0.787
(20.0)
0.787
(20.0)
0.394
(10.0)
0.787
(20.0)
11.811 (300.0)
0.197 (5.0)
Group
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
7 / 2015


Número de pieza similar - PSCM-130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
Spiral Chip Inductor
14-Mar-08
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
SMB Connector
logo
Eaton All Rights Reserv...
PSC EATON-PSC Datasheet
206Kb / 6P
General-Purpose and Sensor Power Supplies
April 2019
logo
Clarke International
PSC CLARKE-PSC Datasheet
307Kb / 8P
SPRAY GUN
0903
More results

Descripción similar - PSCM-130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
Proximity Switch
logo
Festo Corporation.
8138000 FESTO-8138000 Datasheet
85Kb / 2P
Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
Proximity switch
8117065 FESTO-8117065 Datasheet
74Kb / 1P
Proximity switch
8117066 FESTO-8117066 Datasheet
74Kb / 1P
Proximity switch
8152201 FESTO-8152201 Datasheet
95Kb / 2P
Proximity switch
1/21/22
8150171 FESTO-8150171 Datasheet
85Kb / 2P
Proximity switch
7/11/22
8150173 FESTO-8150173 Datasheet
82Kb / 2P
Proximity switch
7/11/22
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com