| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KNC800HB-AX-R047AA Datasheet(PDF) 3 Page - VITROHM |
|
|
|||||||||||||||||||||||||||||
KNC800HB-AX-R047AA Datasheet(HTML) 3 Page - VITROHM |
|
3 / 3 page ![]() KNC Series Datasheet 3 The standard packaging for KNC in axial type is bulk, dimensions below. This type KNC is also available in a different pre-forming, as shown below, other’s upon request. Axial Goal Post (AG-) Axial Goal Post Kink (AK-) Radial (RD-) Radial 2 Kink (RK-) For horizontal and vertical pre-forming please consult your local sales contact. New P/Nr. Type Historical P/N: Pack Code Pieces Forming Type New P/Nr. Type Historical P/N: Pack Code Pieces Forming Type (Inner Taping dim.) A C S KNC500 KN350- 8 B = Bulk 200 AX- = Axial KNC500 KN350- 8 R = Taped in Reel 1000 73- or 83- 73 85 10 KNC600 KN351- 8 200 KNC600 KN351- 8 1000 83 95 10 KNC800 KN352 - 8 200 KNC800 KN352 - 8 1000 83 95 10 KNC900 KN353 - 8 200 KNC900 KN353 - 8 500 83 95 10 KNC10A KN354 - 8 100 KNC10A KN354 - 8 500 83 95 10 THROUGH HOLE VERSION |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |