| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
REF2925 Datasheet(PDF) 50 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF2925 Datasheet(HTML) 50 Page - Texas Instruments |
|
50 / 62 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ADS8881CDGS Active Production VSSOP (DGS) | 10 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDGS.A Active Production VSSOP (DGS) | 10 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDGS.B Active Production VSSOP (DGS) | 10 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDGSR.A Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDGSR.B Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDRCR.B Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881CDRCT.B Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 70 8881C ADS8881IDGS Active Production VSSOP (DGS) | 10 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDGS.A Active Production VSSOP (DGS) | 10 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDGS.B Active Production VSSOP (DGS) | 10 80 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDGSR Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDGSR.B Active Production VSSOP (DGS) | 10 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCR.B Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCRG4 Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCRG4.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCRG4.B Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 ADS8881IDRCT.B Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 8881 (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |